ferrite chip inductors C 0603af document 773-1 document 773-1 revised 01/18/12 designers kit c439 contains 10 each of all values environmental rohs compliant without exemption, halogen free core material ferrite terminations rohs compliant matte tin over nickel over silver- platinum-glass frit. other terminations available at additional cost. weight 4.3 C 5.7 mg ambient temperature C40c to +85c with i rms current, +85c to +100c with derated current storage temperature component: C40c to +100c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +50 to +300 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel; paper tape: 8 mm wide, 1.0 mm thick, 4 mm pocket spacing pcb washing only pure water or alcohol recommended inductance 2 impedance typ (ohms) srf typ 4 dcr max 5 irms 6 color part number 1 5% (nh) q typ 3 100 mhz 500 mhz (mhz) (ohms) (a) code 0603af-15nxjr_ 15 @ 7.9 mhz 13@ 7.9 mhz 10 42 3500 0.023 2.1 yellow 0603af-33nxjr_ 33 @ 7.9 mhz 13@ 7.9 mhz 19 90 2300 0.028 1.9 red 0603af-111xjr_ 110 @ 7.9 mhz 15 @ 7.9 mhz 70 350 1230 0.060 1.6 red 0603af-121xjr_ 120 @ 7.9 mhz 15 @ 7.9 mhz 76 410 1150 0.089 1.4 black 0603af-241xjr_ 240 @ 7.9 mhz 15 @ 7.9 mhz 140 810 900 0.12 0.85 violet 0603af-271xjr_ 270 @ 7.9 mhz 15 @ 7.9 mhz 173 1023 750 0.22 0.68 brown 0603af-471xjr_ 470 @ 7.9 mhz 15 @ 7.9 mhz 306 2253 575 0.37 0.61 orange 0603af-561xjr_ 560 @ 7.9 mhz 16 @ 7.9 mhz 371 3180 515 0.49 0.53 blue 0603af-681xjr_ 680 @ 7.9 mhz 16 @ 7.9 mhz 420 3620 530 0.46 0.49 orange 0603af-821xjr_ 820 @ 7.9 mhz 16 @ 7.9 mhz 507 3300 325 0.58 0.42 green 0603af-102xjr_ 1000 @ 7.9 mhz 17 @ 7.9 mhz 663 9823 400 0.84 0.40 black 0603af-222xjr_ 2200 @ 7.9 mhz 16 @ 7.9 mhz 5220 129 85 1.10 0.32 red 0603af-472xjr_ 4700 @ 7.9 mhz 16 @ 7.9 mhz 2100 220 60 1.50 0.26 yellow 0603AF-103XJR_ 10000 @ 2.5 mhz 12 @ 2.5 mhz 1400 150 40 4.50 0.18 gray 1. when ordering, please specify termination and packaging codes: 0603af-102xjrw termination: r = rohs compliant matte tin over nickel over silver- platinum-glass frit. special order: q = rohs tin-silver-copper (95.5/4/0.5) or p = non-rohs tin-lead (63/37). packaging: w = 7 machine-ready reel. eia-481 punched paper tape (2000 parts per full reel). u = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter w instead. 2. inductance measured at 0.1 vrms, using coilcraft smd-a fxture in agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. q measured on agilent/hp 4395a with agilent/hp 16193 test fxture. 4. srf measured using agilent/hp 8753d network analyzer with coilcraft smd - d test fxture. 5. dcr measured on cambridge technology micro-ohmmeter. 6. current that causes a 15c temperature rise from 25c ambient. because of their open construction, these parts will not saturate. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. ? higher inductance values than ceramic 0603 inductors ? heavier gauge wire for low dcr ? ferrite construction for high current handling ? inductance values from 15 nh to 10 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
document 773-2 document 773-2 revised 01/18/12 ferrite chip inductors C 0603af series typical q vs frequency irms derating typical l vs frequency typical impedance vs frequency -40 -20 02 04 06 08 0 100 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 pe r cent of rated rms i 25c a b c d max max max ref e f g h i j 0.071 0.044 0.036 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches 1,80 1,12 0,91 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm a b ov erall c pic k and place mater ial d te r minal wraparound: appro x 0.008/0,20 both ends i i j f f g h e ter minal recommended land p attern 100 1000 10000 11 0 1000 100 frequenc y (mhz) inductance (nh) 1000 nh 470 nh 270 nh 120 nh 680 nh 2200 nh 4700 nh 560 nh 11 0 100 1000 0 20 18 16 14 12 10 8 6 4 2 22 q f actor frequency (mhz ) 1000 nh 560 nh 470 nh 270 nh 120 nh 680 nh 2200 nh 4700 nh 1 10 100 1000 100000 10000 impedance (ohms) 100 10 1 1000 10000 frequenc y (mhz) 1000 nh 560 nh 680 nh 2200 nh 4700 nh 470 nh 270 nh 120 nh note: height dimension (c) is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
|